Part Number Hot Search : 
CHDTA N4001A RFP60P03 C3105 HMC508 LM399A 2SD21 HER205
Product Description
Full Text Search
 

To Download XC6218P252NR-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/22 etr0329-004 features maximum output current : 200ma (300ma limit: typ.) (@v out =3.0v, v in =4.0v) dropout voltage : 200mv@i out =100ma (@v out =3.0v) operating voltage range : 1.5v ~ 6.0v output voltage : 0.9 ~ 4.0v (0.1v increments) high accuracy : setting voltage accuracy 2% (1.5 v out(t) Q 4.0v) setting voltage accuracy 30mv (0.9 Q v out(t) Q 1.5v) low power supply : 1.0 a (typ.) operating ambient temperature : - 40 85 external capacitor : 0.1 f~1.0 f packages : usp-3, ssot-24 general description xc6218 series are highly precise, low no ise, positive voltage ldo regulators m anufactured using cmos processes. the series achieves very low supply current, 1.0 a (typ.) and consists of a reference voltage source, an error amplifier, current limit circuit, and a phase compensation circuit plus a driver transistor. ultra small usp-3 and ssot-24 packages make high density moun ting possible. therefore, the series is ideal for applications where high density mounting is required such as in mobile phones. output voltage is selectable in 0.1v increments within a range of 0.9v 4.0v by laser trimming. the series is also compatible with low esr ceramic capacitors (c l ), which give added output stability. the current limiter?s fold-back circuit also operates as a s hort protect for the output current limiter and the output pin. applications portable audios cordless phones, wireless communication equipment portable games digital still camera, digital video recorders mobile phones portable multimedia players pdas typical application circuit typical performance characteristics supply current vs. input voltage xc6218p202 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0123456 input voltage: vin(v) supply current: iss(a) ta=-40 ta=25 ta=85 supply current : i ss ( a) usp-3 (bottom view) input voltage: v in (v)
2/22 xc6218 series pin number usp-3 ssot-24 pin name function 1 4 v in power supply 2 3 v out output 3 2 v ss ground - 1 nc no connection designator description symbol description ? output voltage 09 40 output voltage ? represents value after the decimal point. ex.) 15 ? :1, : 5 = 1.5v 33 ? :3, : 3 = 3.3v output voltage accuracy 2 output voltage accuracy less than 2%, 100mv increments ex.) 2.5v ? =2, =5, =2 hr usp-3 hr-g usp-3 nr ssot-24 ? - packages taping type (*2) nr-g ssot-24 pin configuration pin assignment product classification xc6218p ???? - (*1) ordering information usp-3 ( bottom view ) ssot-24 ( top view ) v in v out v ss v ss v in v out (*1) the ?-g? suffix indicates that the products are hal ogen and antimony free as well as being fully rohs compliant. (*2) the device orientation is fixed in its embossed tape pocket. for reverse orientatio n, please contact your local torex sales office o r representative. (standard orientation: r- , reverse orientation : l-)
3/22 xc6218 series * the diode inside the circuit is a protection diode for the ic. parameter symbol ratings units input voltage v in v ss - 0.3 ~ 7.0 v output current i out 500 (*1) ma output voltage v out v ss - 0.3 ~ v in + 0.3 v usp-3 120 power dissipation (*1) ssot-24 pd 150 mw operating temperature range topr - 40 ~ + 85 storage temperature range tstg - 55 ~ + 125 absolute maximum ratings *1: i out Q pd / ( v in ? v out) block diagram ta = 2 5
4/22 xc6218 series notes: *1 : v out(t) : setting output voltage value *2 : v out(e) : effective output voltage value (i.e. the output voltage when ?(v out(t) + 1.0v)? is provided at the v in pin while maintaining a certain i out value. *3 : vdif = {v in1 (*4) ? v out1 (*5) } *4 : v in1 : the input voltage when v out1 appears as input voltage is gradually decreased. *5 : v out1 : a voltage equal to 98% of the output voltage whenever an amply stabilized i out (v out(t) +1.0v) is input. *6 : refer to the voltage chart. *7: v out(t) R 1.5v accuracy 2.0% v out(t) 1.5v min : v out(t) - 30mv, max : v out(t) + 30mv. parameter symbol conditions min. typ. max. units circuit output voltage v out(e) (*2) v in =v out(t) (*1) +1.0v i out =1ma e-0 (*6) v 0.9v Q v out(t) 1.3v v in =v out(t) +1.5v 1ma Q i out Q 100ma load regulation vload v out(t) R 1.3v v in =v out(t) +1.0v 1ma Q i out Q 100ma - 15 70 mv dropout voltage1 vdif1 (*3) i out= 30ma e-1 (*6) mv dropout voltage2 vdif2 (*3) i out =100ma e-1 (*6) mv supply current i ss v in =v out(t) +1.0v - 1.0 5.0 a v out(t) =0.9v 1.5v Q v in Q 6.0v i out =1ma line regulation vline v out(t) R 1.0v v out(t) +0.5v Q v in Q 6.0v i out =1ma - 0.05 0.15 %/v input voltage v in 1.5 - 6.0 v - output voltage temperature characteristics v out v in ? v out v in =v out(t) +1.0v i out =1ma - 40 Q topr Q 85 - 100 - ppm/ v out =v out(e) 0.95 0.9 Q v out (t) Q 1.5v v in =2.6v 200 300 - current limit ilim v out =v out(e) 0.95 v out(t) R 1.6v v in =v out(t) +1.0v 250 300 - ma short circuit current ishort v in =v out(t) +1.0v v out =0v - 50 - ma electrical characteristics ta = 2 5
5/22 xc6218 series e-0 e-1 parameter setting voltage output voltage 2.0% (v) dropout voltage 1 (mv) dropout voltage 2 (mv) v out(e) vdif1 vdif2 v out(t) min. max. typ. max. typ. max. 0.9 0.870 0.930 460 900 850 1450 1.0 0.970 1.030 370 760 750 1300 1.1 1.070 1.130 300 650 680 1190 1.2 1.170 1.230 240 540 600 1070 1.3 1.270 1.330 190 420 530 950 1.4 1.370 1.430 1.5 1.470 1.530 1.6 1.568 1.632 160 340 470 840 1.7 1.666 1.734 1.8 1.764 1.836 1.9 1.862 1.938 110 200 350 610 2.0 1.960 2.040 2.1 2.058 2.142 2.2 2.156 2.244 2.3 2.254 2.346 2.4 2.352 2.448 90 150 290 480 2.5 2.450 2.550 2.6 2.548 2.652 2.7 2.646 2.754 2.8 2.744 2.856 2.9 2.842 2.958 70 120 240 370 3.0 2.940 3.060 3.1 3.038 3.162 3.2 3.136 3.264 3.3 3.234 3.366 3.4 3.332 3.468 3.5 3.430 3.570 3.6 3.528 3.672 3.7 3.626 3.774 3.8 3.724 3.876 3.9 3.822 3.978 4.0 3.920 4.080 60 100 200 320 voltage chart ta = 2 5
6/22 xc6218 series circuit circuit test circuits
7/22 xc6218 series the xc6218 series consists of a reference voltage sour ce, an error amplifier, current limit circuit, and a phase compensation circuit plus a driver transistor. the voltage, divided by resistors r11 & r12, which are connected to the v out pin is compared with the internal reference voltage by the error amplifier. the p-channel mosfet, which is connected to the v out pin, is then driven by the subsequent out put signal. the output voltage at the v out pin is controlled & stabilized by negative feedback. the current limi t circuit and short circuit protection operate in relation to the level of output current. the xc6218 series includes a current limit circuit, which ai d the operations of the curr ent limiter and short-circuit protection. when the load current reaches the current limit le vel (300ma, typ.), the current limiter circuit operates and output voltage drops. the circuit operat es to decrease the current limit as t he load impedance decreases further and the output voltage drops. when t he output pin is shorted, a cu rrent of about 50ma flows. notes on use 1. please use this ic within the stated absolute maximum rati ngs. the ic is liable to malfunction should the ratings be exceeded. 2. where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. 3. the xc6218 series oscillates normall y even without an input capacitor, c in , or an output capacitor, c l , because the series compensates by the phase compensation circuit. ho wever, when an input wiring is long, about 0.1 f to 1.0 f of the input capacitor, c in , is required for stabilizing input. when an under-shoot or over-shoot is large at tr ansient response, about 0.1 f to 1.0 f of output capacitor, which prevents output fluctuation o ccurred by load fluctuation, is also recommended. please wire the input capacitor (c in ) and the output capacitor (c l ) as close to the ic as possible. please wire the input capacitor (c in ) and the output capacitor (c l ) as close to the ic as possible. 4. when the input voltage starts from 0v, over-shoot may occu r because of the slope of the input rising. in order to avoid the over-shoot, please use the ic by setting the slope of the input rising within 0.1v/ms. operational explanation
8/22 xc6218 series typical performance characteristics (1) output voltage vs. output current xc6218p092 vin=2.6v cin=cl=0.1fceramic 0.0 0.2 0.4 0.6 0.8 1.0 0 100 200 300 400 500 600 output current: iout(ma) output voltage: vout(v) ta=-40 ta=25 ta=85 xc6218p202 vin=3.0v cin=cl =0.1fceramic 0.0 0.5 1.0 1.5 2.0 2.5 0 100 200 300 400 500 600 output current: iout(ma) output voltage: vout(v) ta=-40 ta=25 ta=85 xc6218p402 vin=5.0v cin=cl=0.1fceramic 0.0 1.0 2.0 3.0 4.0 5.0 0 100 200 300 400 500 600 output current: iout(ma) output voltage: vout(v) ta=-40 ta=25 ta=85 xc6218p092 ta=25 cin=cl=0.1fceramic 0.0 0.2 0.4 0.6 0.8 1.0 0 100 200 300 400 500 600 output current: iout(ma) output voltage: vout(v) vin=1.5v vin=1.9v vin=2.6v xc6218p202 ta=25 cin=cl= 0.1fceramic 0.0 0.5 1.0 1.5 2.0 2.5 0 100 200 300 400 500 600 output current: iout(ma) output voltage: vout(v) vin=2.5v vin=3.0v vin=3.5v xc6218p402 ta=25 cin=cl=0.1fceramic 0.0 1.0 2.0 3.0 4.0 5.0 0 100 200 300 400 500 600 output current: iout(ma) output voltage: vout(v) vin=4.5v vin=5.0v vin=5.5v output current: i out (ma) out p ut volta g e: v out ( v ) v in =2.6v , c in =c l =0.1 f (ceramic) output current: i out (ma) out p ut volta g e: v out ( v ) ta = 2 5 , c in =c l =0.1 , c in =c l =0.1 f (ceramic) output current: i out (ma) out p ut volta g e: v out ( v ) v in =5.0v, c in =c l =0.1 f (ceramic) output current: i out (ma) out p ut volta g e: v out ( v ) ta = 2 5 , c in =c l =0.1
9/22 xc6218 series typical performance characteristics (continued) (2) output voltage vs. input voltage xc6218p092 ta=25 vin=1.9v cin=cl=0.1f(ceramic) 0.6 0.7 0.8 0.9 1.0 00.511.522.53 input voltage: vin(v) output voltage: vout(v) iout=1ma iout=30ma iout=100ma xc6218p202 ta=25 vin=3.0v cin=cl=0.1f(ceramic) 1.7 1.8 1.9 2.0 2.1 11.522.533.54 input voltage: vin(v) output voltage: vout(v) iout=1ma iout=30ma iout=100ma xc6218p402 ta=25 vin=5.0v cin=cl=0.1f(ceramic) 3.7 3.8 3.9 4.0 4.1 3 3.5 4 4.5 5 5.5 6 input voltage: vin(v) output voltage: vout(v) iout=1ma iout=30ma iout=100ma xc6218p092 ta=25 vin=1.9v cin=cl=0.1f(ceramic) 0.6 0.7 0.8 0.9 1.0 23456 input voltage: vin(v) output voltage: vout(v) iout=1ma iout=30ma iout=100ma xc6218p202 ta=25 vin=3.0v cin=cl=0.1f(ceramic) 1.7 1.8 1.9 2.0 2.1 3 3.5 4 4.5 5 5.5 6 input voltage: vin(v) output voltage: vout(v) iout=1ma iout=30ma iout=100ma xc6218p402 ta=25 vin=5.0v cin=cl=0.1f(ceramic) 3.7 3.8 3.9 4.0 4.1 5 5.2 5.4 5.6 5.8 6 input voltage: vin(v) output voltage: vout(v) iout=1ma iout=30ma iout=100ma input voltage: v in (v) out p ut volta g e: v out ( v ) ta = 2 5 , v in =1.9v, c in =c l =0.1 f (ceramic) input voltage: v in (v) out p ut volta g e: v out ( v ) input voltage: v in (v) out p ut volta g e: v out ( v ) input voltage: v in (v) out p ut volta g e: v out ( v ) ta = 2 5 , v in =3.0v, c in =c l =0.1 f (ceramic) input voltage: v in (v) out p ut volta g e: v out ( v ) input voltage: v in (v) out p ut volta g e: v out ( v ) ta = 2 5 , v in =1.9v, c in =c l =0.1 f ( ceramic ) ta = 2 5 , v in =5.0v, c in =c l =0.1 f (ceramic) ta = 2 5 , v in =5.0v, c in =c l =0.1 f ( ceramic ) ta = 2 5 , v in =3.0v, c in =c l =0.1 f ( ceramic )
10/22 xc6218 series typical performance characteristics (continued) (3) dropout voltage vs. output current (4) supply current vs. input voltage xc6218p092 cin=cl=0.1f(ceramic) 0.0 0.5 1.0 1.5 2.0 2.5 0 50 100 150 200 output current: iout(ma) dropout voltage: vdiff(v) ta=-40 ta=25 ta=85 xc6218p202 cin=cl=0.1f(ceramic) 0.0 0.2 0.4 0.6 0.8 1.0 0 50 100 150 200 output current: iout(ma) dropout voltage: vdiff(v) ta=-40 ta=25 ta=85 xc6218p402 cin=cl=0.1f(ceramic) 0.0 0.2 0.4 0.6 0.8 1.0 0 50 100 150 200 output current: iout(ma) dropout voltage: vdiff(v) ta=-40 ta=25 ta=85 xc6218p202 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0246 input voltage: vin(v) supply current: iss(a) ta=-40 ta=25 ta=85 xc6218p092 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0246 input voltage: vin(v) supply current: iss(a) ta=-40 ta=25 ta=85 xc6218p402 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0246 input voltage: vin(v) supply current: iss(a) ta=-40 ta=25 ta=85 su pp l y current: i ss ( f ( ceramic ) su pp l y current: i ss ( f (ceramic) input voltage: v in (v) output current: i out (ma) dro p out volta g e: vdiff ( v ) c in =c l =0.1 f (ceramic) input voltage: v in (v) input voltage: v in (v)
11/22 xc6218 series typical performance characteristics ( continued ) (5) output voltage vs. ambient temperature (6) supply current vs. ambient temperature xc6218p092 vin=1.9v 0 1 2 3 -50 -25 0 25 50 75 100 ambient temperature:ta() supply current: iss(a) xc6218p202 vin=3.0v 0 1 2 3 -50 -25 0 25 50 75 100 ambient temperature:ta() supply current: iss(a) xc6218p402 vin=5.0v 0 1 2 3 -50 -25 0 25 50 75 100 ambient temperature:ta() supply current: iss(a) xc6218p092 vin=1.9v cin=cl=0.1f(ceramic) 0.80 0.85 0.90 0.95 1.00 -50 -25 0 25 50 75 100 ambient temperature:ta() output voltage: vout(v) iout=1ma iout=30ma iout=100ma xc6218p202 vin=3.0v cin=cl=0.1f(ceramic) 1.90 1.95 2.00 2.05 2.10 -50 -25 0 25 50 75 100 ambient temperature:ta() output voltage: vout(v) iout=1ma iout=30ma iout=100ma xc6218p402 vin=5.0v cin=cl=0.1f(ceramic) 3.90 3.95 4.00 4.05 4.10 -50 -25 0 25 50 75 100 ambient temperature:ta() output voltage: vout(v) iout=1ma iout=30ma iout=100ma su pp l y current: i ss ( ) out p ut volta g e: v out ( v ) v in =1.9v, c in =c l =0.1 f (ceramic) ambient temperature: ta ( ) v in =1.9v ambient temperature: ta ( ) ambient temperature: ta ( ) out p ut volta g e: v out ( v ) v in =3.0v, c in =c l =0.1 f (ceramic) ambient temperature: ta ( ) out p ut volta g e: v out ( v ) v in =5.0v, c in =c l =0.1 f (ceramic) ambient temperature: ta ( ) v in =5.0v x c6218p202 v in =3.0v
12/22 xc6218 series typical performance characteristics (continued) (7) input transient response xc6218p092 tr=tf=5s iout=1ma cl=0.1fceramic -2 -1 0 1 2 3 4 time(400s/div) input voltage: vin(v) 0 0.5 1 1.5 2 2.5 3 output voltage: vout(v) xc6218p092 tr=tf=5s iout=1ma cl=1.0fceramic -2 -1 0 1 2 3 4 time(400s/div) input voltage: vin(v) 0 0.5 1 1.5 2 2.5 3 output voltage: vout(v) xc6218p092 tr=tf=5s iout=50ma cl=0.1fceramic -2 -1 0 1 2 3 4 time(400s/div) input voltage: vin(v) 0 0.5 1 1.5 2 2.5 3 output voltage: vout(v) xc6218p092 tr=tf=5s iout=50ma cl=1.0fceramic -2 -1 0 1 2 3 4 time(400s/div) input voltage: vin(v) 0 0.5 1 1.5 2 2.5 3 output voltage: vout(v) xc6218p092 tr=tf=5s iout=100ma cl=0.1fceramic -2 -1 0 1 2 3 4 time(400s/div) input voltage: vin(v) 0 0.5 1 1.5 2 2.5 3 output voltage: vout(v) xc6218p092 tr=tf=5s iout=100ma, cl=1.0fceramic -2 -1 0 1 2 3 4 time(400s/div) input voltage: vin(v) 0 0.5 1 1.5 2 2.5 3 output voltage: vout(v) input voltage output voltage input voltage input voltage input voltage input voltage input voltage output voltage output voltage output voltage output voltage output voltage time (400 s/div) in p ut volta g e: v in ( v ) tr=tf=5 s, i out =1ma, c l =0.1 f (ceramic) out p ut volta g e: v out ( v ) time (400 s/div) in p ut volta g e: v in ( v ) tr=tf=5 s, i out =1ma, c l =1.0 f (ceramic) output voltage: v out (v) time (400 s/div) in p ut volta g e: v in ( v ) tr=tf=5 s, i out =50ma, c l =0.1 f (ceramic) out p ut volta g e: v out ( v ) time (400 s/div) in p ut volta g e: v in ( v ) tr=tf=5 s, i out =50ma, c l =1.0 f (ceramic) output voltage: v out (v) tr=tf=5 s, i out =100ma, c l =0.1 f (ceramic) tr=tf=5 s, i out =100ma, c l =1.0 f (ceramic) time (400 s/div) in p ut volta g e: v in ( v ) out p ut volta g e: v out ( v ) time (400 s/div) in p ut volta g e: v in ( v ) out p ut volta g e: v out ( v )
13/22 xc6218 series typical performance characteristics (continued) (7) input transient response (continued) xc6218p202 tr=tf=5s iout=1ma cl=0.1fceramic -1 0 1 2 3 4 5 time(400s/div) input voltage: vin(v) 1 1.5 2 2.5 3 3.5 4 output voltage: vout(v) xc6218p202 tr=tf=5s iout=1ma cl=1.0fceramic -1 0 1 2 3 4 5 time(400s/div) input voltage: vin(v) 1 1.5 2 2.5 3 3.5 4 output voltage: vout(v) xc6218p202 tr=tf=5s iout=50ma cl=0.1fceramic -1 0 1 2 3 4 5 time(400s/div) input voltage: vin(v) 1 1.5 2 2.5 3 3.5 4 output voltage: vout(v) xc6218p202 tr=tf=5s iout=50ma cl=1.0fceramic -1 0 1 2 3 4 5 time(400s/div) input voltage: vin(v) 1 1.5 2 2.5 3 3.5 4 output voltage: vout(v) xc6218p202 tr=tf=5s iout=100ma cl=0.1fceramic -1 0 1 2 3 4 5 time(400s/div) input voltage: vin(v) 1 1.5 2 2.5 3 3.5 4 output voltage: vout(v) xc6218p202 tr=tf=5s iout=100ma cl=1.0fceramic -1 0 1 2 3 4 5 time(400s/div) input voltage: vin(v) 1 1.5 2 2.5 3 3.5 4 output voltage: vout(v) input voltage output voltage input voltage input voltage input voltage input voltage input voltage output voltage output voltage output voltage output voltage output voltage time (400 s/div) in p ut volta g e: v in ( v ) tr=tf=5 s, i out =1ma, c l =0.1 f (ceramic) output voltage: v out (v) time (400 s/div) input voltage: v in (v) tr=tf=5 s, i out =1ma, c l =1.0 f (ceramic) out p ut volta g e: v out ( v ) time (400 s/div) input voltage: v in (v) tr=tf=5 s, i out =50ma, c l =0.1 f (ceramic) output voltage: v out (v) time (400 s/div) input voltage: v in (v) tr=tf=5 s, i out =50ma, c l =1.0 f (ceramic) output voltage: v out (v) tr=tf=5 s, i out =100ma, c l =0.1 f (ceramic) tr=tf=5 s, i out =100ma, c l =1.0 f (ceramic) time (400 s/div) input voltage: v in (v) output voltage: v out (v) time (400 s/div) input voltage: v in (v) output voltage: v out (v)
14/22 xc6218 series typical performance characteristics (continued) (7) input transient response (continued) xc6218p402 tr=tf=5s iout=1ma cl=0.1fceramic 1 2 3 4 5 6 7 time(400s/div) input voltage: vin(v) 3 3.5 4 4.5 5 5.5 6 output voltage: vout(v) xc6218p402 tr=tf=5s iout=1ma, cl=1.0fceramic 1 2 3 4 5 6 7 time(400s/div) input voltage: vin(v) 3 3.5 4 4.5 5 5.5 6 output voltage: vout(v) xc6218p402 tr=tf=5s iout=50ma, cl=0.1fceramic 1 2 3 4 5 6 7 time(400s/div) input voltage: vin(v) 3 3.5 4 4.5 5 5.5 6 output voltage: vout(v) xc6218p402 tr=tf=5s iout=50ma, cl=1.0fceramic 1 2 3 4 5 6 7 time(400s/div) input voltage: vin(v) 3 3.5 4 4.5 5 5.5 6 output voltage: vout(v) xc6218p402 tr=tf=5s iout=100ma, cl=0.1fceramic 1 2 3 4 5 6 7 time(400s/div) input voltage: vin(v) 3 3.5 4 4.5 5 5.5 6 output voltage: vout(v) xc6218p402 tr=tf=5s iout=100ma, cl=1.0fceramic 1 2 3 4 5 6 7 time(400s/div) input voltage: vin(v) 3 3.5 4 4.5 5 5.5 6 output voltage: vout(v) input voltage output voltage input voltage input voltage input voltage input voltage input voltage output voltage output voltage output voltage output voltage output voltage time (400 s/div) input voltage: v in (v) tr=tf=5 s, i out =1ma, c l =0.1 f (ceramic) out p ut volta g e: v out ( v ) time (400 s/div) in p ut volta g e: v in ( v ) tr=tf=5 s, i out =1ma, c l =1.0 f (ceramic) out p ut volta g e: v out ( v ) time (400 s/div) input voltage: v in (v) output voltage: v out (v) time (400 s/div) in p ut volta g e: v in ( v ) tr=tf=5 s, i out =50ma, c l =1.0 f (ceramic) output voltage: v out (v) tr=tf=5 s, i out =100ma, c l =0.1 f (ceramic) tr=tf=5 s, i out =100ma, c l =1.0 f (ceramic) time (400 s/div) in p ut volta g e: v in ( v ) output voltage: v out (v) time (400 s/div) input voltage: v in (v) output voltage: v out (v) tr=tf=5 s, i out =50ma, c l =0.1 f (ceramic)
15/22 xc6218 series typical performance characteristics (continued) (8) load transient response xc6218p092 tr=tf=5s vin=1.9v cin=0.1fceramic, cl=0.1fceramic 0 10 20 30 40 50 time(300s/div) output current: iout(ma) -1 -0.5 0 0.5 1 1.5 output voltage: vout(v) xc6218p092 tr=tf=5s vin=1.9v cin=0.1fceramic, cl=1.0fceramic 0 10 20 30 40 50 time(300s/div) output current: iout(ma) -1 -0.5 0 0.5 1 1.5 output voltage: vout(v) xc6218p092 tr=tf=5s vin=1.9v cin=0.1fceramic, cl=0.1fceramic 0 50 100 150 200 250 time(300s/div) output current: iout(ma) -1 -0.5 0 0.5 1 1.5 output voltage: vout(v) xc6218p092 tr=tf=5s vin=1.9v cin=0.1fceramic, cl=1.0fceramic 0 50 100 150 200 250 time(300s/div) output current: iout(ma) -1 -0.5 0 0.5 1 1.5 output voltage: vout(v) output current output current output current output current xc6218p202 tr=tf=5s vin=3.0v cin=0.1f(ceramic) cl=0.1fceramic 0 10 20 30 40 50 time(300s/div) output current: iout(ma) 0 0.5 1 1.5 2 2.5 output voltage: vout(v) xc6218p202 tr=tf=5s vin=3.0v cin=0.1f(ceramic) cl=1.0fceramic 0 10 20 30 40 50 time(300s/div) output current: iout(ma) 0 0.5 1 1.5 2 2.5 output voltage: vout(v) output current output current output voltage output voltage output voltage output voltage output voltage output voltage output voltage: v out (v) output voltage: v out (v) output voltage: v out (v) output voltage: v out (v) output voltage: v out (v) output voltage: v out (v) out p ut current: i out ( ma ) time (300 s/div) out p ut current: i out ( ma ) time (300 s/div) out p ut current: i out ( ma ) time (300 s/div) tr=tf=5 s, v in =1.9v, c in =0.1 f (ceramic), c l =1.0 f (ceramic) out p ut current: i out ( ma ) time (300 s/div) tr=tf=5 s, v in =3.0v, c in =0.1 f (ceramic), c l =1.0 f (ceramic) out p ut current: i out ( ma ) time (300 s/div) out p ut current: i out ( ma ) time (300 s/div) tr=tf=5 s, v in =1.9v, c in =0.1 f (ceramic), c l =1.0 f (ceramic) tr=tf=5 s, v in =1.9v, c in =0.1 f (ceramic), c l =0.1 f (ceramic) tr=tf=5 s, v in =1.9v, c in =0.1 f (ceramic), c l =0.1 f (ceramic) tr=tf=5 s, v in =3.0v, c in =0.1 f (ceramic), c l =0.1 f (ceramic)
16/22 xc6218 series typical performance characteristics (continued) (8) load transient response (continued) xc6218p202 tr=tf=5s vin=3.0v cin=0.1f(ceramic) cl=0.1fceramic 0 50 100 150 200 250 time(300s/div) output current: iout(ma) 0 0.5 1 1.5 2 2.5 output voltage: vout(v) xc6218p202 tr=tf=5s vin=3.0v cin=0.1f(ceramic) cl=1.0fceramic 0 50 100 150 200 250 time(300s/div) output current: iout(ma) 0 0.5 1 1.5 2 2.5 output voltage: vout(v) output current output current xc6218p402 tr=tf=5s vin=5.0v cin=0.1f(ceramic) cl=0.1fceramic 0 10 20 30 40 50 time(300s/div) output current: iout(ma) 2 2.5 3 3.5 4 4.5 output voltage: vout(v) xc6218p402 tr=tf=5s vin=5.0v cin=0.1f(ceramic) cl=1.0fceramic 0 10 20 30 40 50 time(300s/div) output current: iout(ma) 2 2.5 3 3.5 4 4.5 output voltage: vout(v) xc6218p402 tr=tf=5s vin=5.0v cin=0.1f(ceramic) cl=0.1fceramic 0 50 100 150 200 250 time(300s/div) output current: iout(ma) 2 2.5 3 3.5 4 4.5 output voltage: vout(v) xc6218p402 tr=tf=5s vin=5.0v cin=0.1f(ceramic) cl=1.0fceramic 0 50 100 150 200 250 time(300s/div) output current: iout(ma) 2 2.5 3 3.5 4 4.5 output voltage: vout(v) output current output current output current output current output voltage output voltage output voltage output voltage output voltage output voltage output current: i out (ma) output current: i out (ma) output current: i out (ma) output current: i out (ma) output current: i out (ma) output current: i out (ma) output voltage: vout (v) output voltage: v out (v) output voltage: v out (v) output voltage: v out (v) output voltage: v out (v) output voltage: v out (v) tr=tf=5 s, v in =3.0v, c in =0.1 f (ceramic), c l =0.1 f (ceramic) time (300 s/div) tr=tf=5 s, v in =3.0v, c in =0.1 f (ceramic), c l =1.0 f (ceramic) time (300 s/div) tr=tf=5 s, v in =5.0v, c in =0.1 f (ceramic), c l =0.1 f (ceramic) time (300 s/div) time (300 s/div) tr=tf=5 s, v in =5.0v, c in =0.1 f (ceramic), c l =0.1 f (ceramic) time (300 s/div) tr=tf=5 s, v in =5.0v, c in =0.1 f (ceramic), c l =1.0 f (ceramic) time (300 s/div) tr=tf=5 s, v in =5.0v, c in =0.1 f (ceramic), c l =1.0 f (ceramic)
17/22 xc6218 series typical performance characteristics (continued) (9) input turn-on transient response xc6218p092 tr=tf=5s iout=1ma vin=0v1.9v cl=0.1fceramic -3 -2 -1 0 1 2 3 time(50s/div) input voltage: vin(v) 0 1 2 3 4 5 6 output voltage: vout(v) xc6218p092 tr=tf=5s iout=50ma vin=0v1.9v cl=0.1fceramic -3 -2 -1 0 1 2 3 time(50s/div) input voltage: vin(v) 0 1 2 3 4 5 6 output voltage: vout(v) xc6218p092 tr=tf=5s iout=100ma vin=0v1.9v cl=0.1fceramic -3 -2 -1 0 1 2 3 time(50s/div) input voltage: vin(v) 0 1 2 3 4 5 6 output voltage: vout(v) input voltage output voltage input voltage input voltage xc6218p202 tr=tf=5s iout=1ma vin=0v3.0v cl=0.1fceramic -2 -1 0 1 2 3 4 time(100s/div) input voltage: vin(v) 0 1 2 3 4 5 6 output voltage: vout(v) xc6218p202 tr=tf=5s iout=50ma vin=0v3.0v cl=0.1fceramic -2 -1 0 1 2 3 4 time(100s/div) input voltage: vin(v) 0 1 2 3 4 5 6 output voltage: vout(v) xc6218p202 tr=tf=5s iout=100ma vin=0v3.0v cl=0.1fceramic -2 -1 0 1 2 3 4 time(100s/div) input voltage: vin(v) 0 1 2 3 4 5 6 output voltage: vout(v) input voltage input voltage input voltage output voltage output voltage output voltage output voltage output voltage output voltage: v out (v) tr=tf=5 s, i out =100ma, v in =0v 1.9v, c l =0.1 f (ceramic) input voltage: v in (v) time (50 s/div) output voltage: v out (v) tr=tf=5 s, i out =100ma, v in =0v 3.0v, c l =0.1 f (ceramic) in p ut volta g e: v in ( v ) time (100 s/div) output voltage: v out (v) in p ut volta g e: v in ( v ) time (50 s/div) output voltage: v out (v) tr=tf=5 s, i out =50ma, v in =0v 3.0v, c l =0.1 f (ceramic) in p ut volta g e: v in ( v ) time (100 s/div) output voltage: v out (v) input voltage: v in (v) time (50 s/div) output voltage: v out (v) tr=tf=5 s, i out =1ma, v in =0v 3.0v, c l =0.1 f (ceramic) in p ut volta g e: v in ( v ) time (100 s/div) tr=tf=5 s, i out =50ma, v in =0v 1.9v, c l =0.1 f (ceramic) tr=tf=5 s, i out =1ma, v in =0v 1.9v, c l =0.1 f (ceramic)
18/22 xc6218 series typical performance characteristics (continued) (10) ripple rejection rate (9) input turn-on transient response (continued) xc6218p092 vin=1.9vdc+1vp-pac iout=100ma cl=0.1fceramic 0 10 20 30 40 50 60 70 0.01 0.1 1 10 100 frequency [khz] psrr[db] xc6218p202 vin=3.0vdc+1vp-pac iout=100ma cl=0.1fceramic 0 10 20 30 40 50 60 70 0.01 0.1 1 10 100 frequency [khz] psrr[db] xc6218p402 vin=5.0vdc+1vp-pac iout=100ma cl=0.1fceramic 0 10 20 30 40 50 60 0.01 0.1 1 10 100 frequency [khz] psrr[db] xc6218p402 tr=tf=5s iout=1ma vin=0v5.0v cl=0.1fceramic -6 -4 -2 0 2 4 6 time(100s/div) input voltage: vin(v) 0 2 4 6 8 10 12 output voltage: vout(v) xc6218p402 tr=tf=5s iout=50ma vin=0v5.0v cl=0.1fceramic -6 -4 -2 0 2 4 6 time(100s/div) input voltage: vin(v) 0 2 4 6 8 10 12 output voltage: vout(v) xc6218p402 tr=tf=5s iout=100ma vin=0v5.0v cl=0.1fceramic -6 -4 -2 0 2 4 6 time(100s/div) input voltage: vin(v) 0 2 4 6 8 10 12 output voltage: vout(v) input voltage output voltage input voltage output voltage input voltage output voltage ri pp le re j ection rate: rr ( db ) ripple frequency f: (khz) ripple frequency f: (khz) ripple frequency f: (khz) output voltage: v out (v) tr=tf=5 s, i out =1ma, v in =0v 5.0v, c l =0.1 f (ceramic) in p ut volta g e: v in ( v ) time (100 s/div) output voltage: v out (v) tr=tf=5 s, i out =50ma, v in =0v 5.0v, c l =0.1 f (ceramic) in p ut volta g e: v in ( v ) time (100 s/div) output voltage: v out (v) tr=tf=5 s, i out =100ma, v in =0v 5.0v, c l =0.1 f (ceramic) in p ut volta g e: v in ( v ) time (100 s/div) v in =5.0v dc +1vp-pac, i out =100ma, c l =0.1 f (ceramic) ri pp le re j ection rate: rr ( db ) v in =1.9v dc +1vp-pac, i out =100ma, c l =0.1 f (ceramic) ripple re j ection rate: rr ( db ) v in =3.0v dc +1vp-pac, i out =100ma, c l =0.1 f (ceramic)
19/22 xc6218 series packaging information usp-3 sso t -24 usp-3 reference pattern layout usp-3 reference metal mask design
20/22 xc6218 series mark output voltage range product series p 0.9v 3.0v r 3.1v 4.0v xc6218p***** mark output voltage (v) mark output voltage(v) 0 - 3.1 - f 1.6 - - 1 - 3.2 - h 1.7 - - 2 - 3.3 - k 1.8 - - 3 - 3.4 - l 1.9 - - 4 - 3.5 - m 2.0 - - 5 - 3.6 - n 2.1 - - 6 - 3.7 - p 2.2 - - 7 - 3.8 - r 2.3 - - 8 0.9 3.9 - s 2.4 - - 9 1.0 4.0 - t 2.5 - - a 1.1 - - u 2.6 - - b 1.2 - - v 2.7 - - c 1.3 - - x 2.8 - - d 1.4 - - y 2.9 - - e 1.5 - - z 3.0 - - ssot-24 represents type of regulator and output voltage range represents the decimal point of output voltage , represents production lot number 0 to 9, a to z repeated (g, i, j, o, q, w, excluded) *no character inversion used. ssot-24 (top view) marking rule
21/22 xc6218 series mark product series t xc6218p****** mark output voltage range product series 7 0.9v 3.0v 8 3.1v 4.0v xc6218p****** mark output voltage (v) mark output voltage (v) 0 - 3.1 - f 1.6 - - 1 - 3.2 - h 1.7 - - 2 - 3.3 - k 1.8 - - 3 - 3.4 - l 1.9 - - 4 - 3.5 - m 2.0 - - 5 - 3.6 - n 2.1 - - 6 - 3.7 - p 2.2 - - 7 - 3.8 - r 2.3 - - 8 0.9 3.9 - s 2.4 - - 9 1.0 4.0 - t 2.5 - - a 1.1 - - u 2.6 - - b 1.2 - - v 2.7 - - c 1.3 - - x 2.8 - - d 1.4 - - y 2.9 - - e 1.5 - - z 3.0 - - usp-3 represents output voltage represents production lot number 0 to 9, a to z repeated (g, i, j, o, q, w, excluded) *no character inversion used. represents output voltage range usp-3 (top view) represents product series marking rule (continued)
22/22 xc6218 series 1. the products and product specifications cont ained herein are subject to change without notice to improve performance characteristic s. consult us, or our representatives before use, to confirm that the informat ion in this datasheet is up to date. 2. we assume no responsibility for any infri ngement of patents, pat ent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. the products in this datasheet are not devel oped, designed, or approved for use with such equipment whose failure of malfuncti on can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. atomic energy; aerospace; transpor t; combustion and associated safety equipment thereof.) 5. please use the products listed in this datasheet within the specified ranges. should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. we assume no responsibility for damage or loss due to abnormal use. 7. all rights reserved. no part of this dat asheet may be copied or reproduced without the prior permission of torex semiconductor ltd.


▲Up To Search▲   

 
Price & Availability of XC6218P252NR-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X